PART |
Description |
Maker |
TC58DVM92A1FT00 TC58DVM92A1FT |
Flash - NAND MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
|
Toshiba Semiconductor
|
K9F6408U0A-TCB0 K9F6408U0A-TIB0 |
From old datasheet system EEPROM,NAND FLASH,8MX8,CMOS,TSOP,44PIN,PLASTIC 8M x 8 Bit NAND Flash Memory
|
SAMSUNG[Samsung semiconductor] Samsung Electronics Inc
|
K9F1208Q0A-XXB0 K9F1208Q0B K9F1208Q0A-DIB0 K9F1208 |
64M x 8 bit NAND flash memory, 2.7 - 3.6V 512Mb/256Mb 1.8V NAND Flash Errata 64M x 8 bit NAND flash memory, 1.70 - 1.95V 32M x 16 bit NAND flash memory, 2.7 - 3.6V 32M x 16 bit NAND flash memory, 1.70 - 1.95V
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
K9F1G08Q0M-PCB0 K9F1G08Q0M-PIB0 K9F1G08Q0M-YCB0 K9 |
128M x 8 Bit / 64M x 16 Bit NAND Flash Memory 1Gb Gb 1.8V NAND Flash Errata
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
KM29W040AT KM29W040AIT |
V(cc): 2.7 -3.6V; 512M x 8 bits NAND flash memory 512K x 8 bit NAND Flash Memory
|
Samsung semiconductor Samsung Electronic
|
MIP0221SY MIP0222SY MIP0223SY MIP0224SY MIP0225SY |
Silicon MOS IC ISOLATOR, INT'LOCK 25A 3 POLEISOLATOR, INT'LOCK 25A 3 POLE; Poles, No. of:3; Current rating:25A; Approval Bodies:UL, CSA; IP rating:IP55; Power, switching AC3 max:13kW
|
PANASONIC[Panasonic Semiconductor] PANASONIC CORP
|
TC58NS256DC |
TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 256-MBIT (32M ?8 BITS) CMOS NAND E2PROM (32M BYTE SmartMediaTM)
|
TOSHIBA[Toshiba Semiconductor]
|
AT49F512-70TC AT49F512 AT49F512-70VC AT49F512-70VI |
Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDSO32 Quadruple 2-Input Positive-NAND Gate 14-SSOP -40 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDIP32 512K 64K x 8 5-volt Only Flash Memory
|
Atmel, Corp. PROM Atmel Corp. ATMEL[ATMEL Corporation]
|
HY27UF082G2B HY27UF162G2B HY27UF082G2B-F |
2Gb NAND FLASH 256M X 8 FLASH 3.3V PROM, PBGA63
|
HYNIX SEMICONDUCTOR INC
|
CY7C0240411 CY7C025-55JXC CY7C025-55JXI CY7C025 CY |
4K x 18 Dual-PortStatic RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 18 双端口静RAM) 4K的18双PortStatic RAM的扫描电镜,廉政,忙(带扫描电镜,廉政,忙输入端的的4K的18双端口静态RAM)的 8K x 18 Dual-Port Static RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 18 双端口静RAM) 4K x 16 Dual-Port Static RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 16 双端口静RAM) 8K x 16 Dual-PortStatic RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 16 双端口静RAM) 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
|
Cypress Semiconductor Corp.
|
CY7C68034-56LFXC CY7C68033-56LFXC |
EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller EZ-USB NX2LP-FlexFlexible USB NAND Flash Controller
|
Cypress Semiconductor Corp.
|